PART |
Description |
Maker |
JANS2N2906A JAN2N2907A JANTX2N2907A JANTX2N2907AL |
PNP SMALL SIGNAL SILICON TRANSISTOR 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR 64 x 18 asynchronous FIFO memory 56-SSOP 0 to 70 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Transistor
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
2N4403-T92-B 2N4403-T92-K 2N4403L-T92-B 2N4403L-T9 |
PNP GENERAL PURPOSE AMPLIFIER 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
UNISONIC TECHNOLOGIES CO LTD Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
2N1132 |
600 mA, 35 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39
|
ZETEX PLC
|
2N4402TFR |
PNP General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Tape & Reel 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
MMBT5401 |
600 mA, 150 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
MICRO COMMERCIAL COMPONENTS
|
2N2907A 2N2907 |
SILICON PNP TRANSISTOR 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
Advanced Semiconductor, Inc. ASI[Advanced Semiconductor]
|
P2N2907AG |
Transistor Silicon Plastic PNP; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Amplifier Transistor
|
ON Semiconductor
|
PBRP113ZT PBRP113ZT215 |
PNP 800 mA, 40 V BISS RET; R1 = 1 kOhm, R2 = 10 kOhm; Package: SOT23 (TO-236AB); Container: Tape reel smd 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP 800 mA, 40 V BISS RET; R1 = 1 kW, R2 = 10 kW
|
NXP Semiconductors N.V.
|
MPS2907 MPS2907A MPS2907ARLRA MPS2907ARLRE MPS2907 |
General Purpose Transistors PNP Silicon Small Signal General Purpose PNP General Purpose Transistors(PNP Silicon) 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
ON Semiconductor
|
2SC1740SLNTP/S 2SA933ASLNTP/RS 2SA933ALNT93/RS 2SC |
150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 3000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 50 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 5000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Lattice Semiconductor, Corp. MERITEK Electronics, Corp.
|
2N3404 GES5816-J1 HS5306 HS5306A HS5308 HS5308A HS |
Leaded Small Signal Transistor General Purpose Small Signal Transistors 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR CONNECTOR ACCESSORY 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
2N29071ADS-1 2N29071AXC-1 2N29071ADC-1 2N29071ABC- |
600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Transistor Schottky Rectifier; Current Rating:30A; Leaded Process Compatible:Yes RoHS Compliant: Yes Circular Connector; No. of Contacts:13; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:11; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:11-35 ER 4C 4#16S PIN PLUG SWITCHING TRANSISTOR PNP SILICON 开关晶体管的新进步党硅
|
MICROSEMI CORP-LOWELL http:// Microsemi Corporation Microsemi, Corp.
|
|